PART |
Description |
Maker |
LC66512 LC66512B |
4-BIT, MROM, 4.35 MHz, MICROCONTROLLER, PDIP64 12K-Byte/16K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications
|
SANYO[Sanyo Semicon Device]
|
LC66406A LC66665308A |
6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
|
Sanyo Semicon Device http://
|
ENA0125B |
CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC877680B |
CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA1188 |
CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC865520B LC865512B LC865516B LC865504B LC865508B |
8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM CMOS IC
|
SANYO[Sanyo Semicon Device]
|
LC875G08A LC875G16A LC875G24A LC875G32A |
ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC868364A |
8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
|
Sanyo Semicon Device
|
LC88FC3J0A |
16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
|
ON Semiconductor
|
AT91SC25672RC |
Low-power, high-performance, 32-bit RISC secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. 32-bit Secure Microcontroller for Smart Cards A
|
ATMEL[ATMEL Corporation]
|
AT90SC19272RC |
Low-power, high-performance, 8-/16-bit secure microcontroller with 192K Byte ROM and 72K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side chan SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|